PART |
Description |
Maker |
AD1584ARTZ-R2 |
4.096V Micropower, Precisions Series Mode Voltage References; Package: SOT-23; No of Pins: 3; Temperature Range: Industrial 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 4.096 V, PDSO3
|
Analog Devices, Inc.
|
AD1583 AD1582ART-REEL |
3.0V Micropower, Precisions Series Mode Voltage References 2.5 V Micropower, Precision Mode Voltage Reference 2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
|
Analog Devices
|
X60008EIS8-41 X60008EIS8-41T1 X60008EIS8Z-41 X6000 |
Precision 4.096V FGA?/a> Voltage Precision 4.096V FGA Voltage Precision 4.096V FGA⑩ Voltage
|
INTERSIL[Intersil Corporation]
|
X60008DIS8-41 X60008CIS8-41 X60008BIS8-41 X60008BI |
Precision 4.096V FGAVoltage Reference 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 4.096 V, PDSO8
|
Intersil Corporation Intersil, Corp.
|
A3210EUA-TL A3209-LH A3209-UA A3209EUA-TL A3209UA- |
MICROPOWER ULTRA-SENSITIVE HALL-EFFECT SWITCHES MICROPOWER, ULTRA-SENSITIVE HALL-EFFECT SWITCHES MICROPOWER/ ULTRA-SENSITIVE HALL-EFFECT SWITCHES Micropower, Ultra-Sensitive Hall Effect Switch(微功耗,超敏感霍尔效应开 D38999/26WC8PN 320 x 240 pixel format, CFL backlight available with power harness
|
ALLEGRO[Allegro MicroSystems] Allegro MicroSystems, Inc. http://
|
LTC1798CS8 LTC1798CMS8 LTC1798CMS8-5 LTC1798CMS8-4 |
Micropower Low Dropout References(4.1V杈??,寰?????浣??宸?ǔ???) Micropower Low Dropout References(3V输出,微功耗,低压差稳压器) 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 3 V, PDSO8 Micropower Low Dropout References(2.5V输出,微功耗,低压差稳压器) Micropower Low Dropout References(4.1V输出,微功耗,低压差稳压器)
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
NCV4279B NCV4279BD1 NCV4279BD1R2 NCV4279BD2 NCV427 |
5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Monitor FLAG 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO14 ANA 5.0V MICROPOWER
|
ONSEMI[ON Semiconductor]
|
MIC5231-3.0BM5 MIC5231-3.3BM5 MIC5231-2.75BM5 MIC5 |
Multiconductor Cable; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes ECONOLINE: RZ - 1kVDC Isolation- SMD Package Styles- 5V, 12V and 15V Output- UL94V-0 Package Material- No Heatsink Required- No Extern. Components- Toroidal Magnetics- Efficiency to 62% Micropower レCap LDO Regulator Preliminary Information Micropower Cap LDO Regulator Preliminary Information Micropower μCap LDO Regulator Preliminary Information
|
Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
AGX-V-10 AGX-1 AGX-1/4 BKAGX-1 AGX-1/16 AGX-10 AGX |
Micropower Octal 8-Bit and 10-Bit DACs Micropower Quad 10-Bit DAC; Package: SSOP; No of Pins: 16; Temperature Range: 0°C to 70°C Fuse 保险
|
NXP Semiconductors N.V. Cooper Bussmann, Inc.
|
AME8500AEETBF29 AME8500AEETDD46 AME8500BEETDD46 AM |
Reset time: 210mS; micropower uP reset device Reset time: 30mS; micropower uP reset device Reset time: 1.5mS; micropower uP reset device Reset time: 150mS; micropower uP reset device
|
AME
|
ST5R00 ST5R25M ST5R25U ST5R28M ST5R28U ST5R30M ST5 |
MICROPOWER VFM STPE-UP DC/DC CONVERTER (ST5R00 Series) MICROPOWER VFM STEP-UP DC/DC CONVERTER
|
STMicroelectronics ST Microelectronics
|